Part Number Hot Search : 
FOD053L GOG94027 FOD053L B2412 MMBT222 SF20F S3F9498 39000
Product Description
Full Text Search
 

To Download NTE1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1300 Integrated Circuit TV Remote Control
Description: The NTE1300 is a silicon monolithic integrated circuit in an 8-Lead SIP type package designed for use as a Frequency Servo Control System for tape recorders and VCRs. Functions: D Wave Shaping Circuit D Sawtooth Wave Generator D Comparator D DC Amplifier D Regulator Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17V Input Voltage, Vi . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to -2.0V Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10 to +60C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -50 to +125C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Supply Current Pin8 Voltage Pin5 Voltage Reference Voltage Pin3 Voltage Pin5 Output Voltage Saturation Voltage Output Voltage Maximum Output Current Voltage Difference Output Pulse Width Symbol ID V8 V5 Vref V3 (1) V3 (2) Vg (1) Vg (2) Vsat (1) Vsat (2) Vout Iout V PW Test Conditions VCC = 15V, 437Hz, Pulse Input VCC = 15V, 437Hz, Sine 1VP-P VCC = 15V, No Input Signal VCC = 15V, No Input Signal VCC = 15V, No Input Signal VCC = 15V, No Input Signal VCC = 15V, 437Hz, Pulse Input VCC = 20V, 437Hz, Pulse Input VCC = 15V, No Input Signal VCC = 15V, No Input Signal VCC = 15V, 437Hz, Pulse Input VCC = 15V, 437Hz, Pulse Input V = (Vg (1)) - (Vout) VCC = 15V, 437Hz, Sine 1VP-P Min 4.0 4.55 10.3 1.76 - - 2.5 2.5 - - 1.0 10 1.0 100 Typ 7.0 4.80 11.2 1.88 40 1.0 2.8 2.9 130 140 1.6 15 1.3 150 Max 10.0 5.00 12.0 2.00 70 5.0 3.1 3.2 200 200 2.5 20 1.6 200 Unit mA V V V mV mV V V mV mV V mA V s
Pin Connection Diagram (Front View)
8 To Time Constant 7 VCC 6 Output 5 To Time Constant 4 GND 3 To Time Constant 2 To Time Constant 1 Sine Wave Input
.768 (19.52) Max
.118 (3.0) Max
.264 (6.72) Max 1 8 .165 (4.2) Min
.100 (2.54) Typ .700 (17.78)


▲Up To Search▲   

 
Price & Availability of NTE1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X